PART |
Description |
Maker |
AS1200-M3 |
(AS1x00-M3) Control Elbow 4mm
|
SMC
|
553-0600-01 550-0600-01 553-0400-01 550-0400-01 57 |
PLUG 4MM STACKABLE WHT PLUG 4MM WHITE PLUG 4MM STACKABLE GRN 插头4mm的可堆叠GRN PLUG 4MM GREEN 插头4mm的绿 BANANENSTECKER NI 4MM SCHWARZ BANANENSTECKER倪毫米施瓦茨
|
TE Connectivity, Ltd. Bel Fuse, Inc. DEM Manufacturing, Ltd.
|
FH16P-64S-0.5SHW FH16-60S-0.3SHW FH16-80S-0.3SHW F |
16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 高密度FPC连接器(0.3mm/0.4mm/0.5mm间距 COLOSSUS 2.5 G 高密度FPC连接器(0.3mm/0.4mm/0.5mm间距 High Density FPC Connector (0.3mm/0.4mm/0.5mm Pitch) 高密度FPC连接器(0.3mm/0.4mm/0.5mm间距
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
5-1634526-1 |
BNC ELBOW ADAPTOR PLUG - JACK 50 OHMS
|
Tyco Electronics
|
03-1392-G8713 |
DICHTUNG QUADRATISCH 6.4X6.4MM 10M 诗QUADRATISCH 6.4X6.4MM 1000
|
TE Connectivity, Ltd.
|
MIC2199 MIC2199BML |
300kHz 4mm × 4mm Synchronous Buck Converter 300kHz 4mm 】 4mm Synchronous Buck Converter 300kHz 4mm 4mm Synchronous Buck Converter 300kHz 4mm x 4mm Synchronous Buck Controller
|
MICREL[Micrel Semiconductor]
|
HLMP-SD11 HLMP-SM11-LP000 HLMP-RB11 HLMP-RB11-EH00 |
HLMP-SL11-LPVDD · 4mm Oval Precision Optical Performance LED Lamps HLMP-SL11-LPRDD · 4mm Oval Precision Optical Performance LED Lamps HLMP-SL11-LPR00 · 4mm Oval Precision Optical Performance LED Lamps HLMP-SL11-HLRDD · 4mm Oval Precision Optical Performance LED Lamps HLMP-SD11-LPTDD · 4mm Oval Precision Optical Performance LED Lamps HLMP-SD11-MNTDD · 4mm Oval Precision Optical Performance LED Lamps HLMP-SD11-MN0DD · 4mm Oval Precision Optical Performance LED Lamps HLMP-SD11-MN000 · 4mm Oval Precision Optical Performance LED Lamps HLMP-SD11-LPT00 · 4mm Oval Precision Optical Performance LED Lamps HLMP-RL11-LPVDD · 4mm Oval Precision Optical Performance LED Lamps HLMP-RL11-LPRDD · 4mm Oval Precision Optical Performance LED Lamps HLMP-RL11-LP0DD · 4 mm Oval Precision Optical Performance LED Lamps HLMP-RL11-LP000 · 4 mm Oval Precision Optical Performance LED Lamps HLMP-RD11-LPTDD · 4mm Oval Precision Optical Performance LED Lamps HLMP-RD11-LPT00 · 4mm Oval Precision Optical Performance LED Lamps HLMP-RD11-LP0DD · 4 mm Oval Precision Optical Performance LED Lamps HLMP-RD11-LP000 · 4 mm Oval Precision Optical Performance LED Lamps HLMP-SL10-EH0ZZ · 4mm Oval Precision Optical Performance LED Lamps HLMP-SL10-EH0YY · 4mm Oval Precision Optical Performance LED Lamps HLMP-SL10-KN0ZZ · 4mm Oval Precision Optical Performance LED Lamps HLMP-SL10-KN0YY · 4mm Oval Precision Optical Performance LED Lamps HLMP-SL11-LPV00 · 4mm Oval Precision Optical Performance LED Lamps HLMP-RL11-LPV00 · 4mm Oval Precision Optical Performance LED Lamps HLMP-SL11-HLR00 · 4mm Oval Precision Optical Performance LED Lamps HLMP-SL10-LP0DD · 4mm Oval Precision Optical Performance LED Lamps HLMP-SL10-LP000 · 4mm Oval Precision Optical Performance LED Lamps HLMP-RL10-LP0DD · 4mm Oval Precision Optical Performance LED Lamps HLMP-RL10-LP000 · 4mm Oval Precision Optical Performance LED Lamps HLMP-SL10-HL000 · 4mm Oval Precision Optical Performance LED Lamps HLMP-RL10-HL000 · 4mm Oval Precision Optical Performance LED Lamps HLMP-SG10-EH0YY · 4mm Oval Precision Optical Performance LED Lamps HLMP-SG10-JM000 · 4mm Oval Precision Optical Performance LED Lamps HLMP-SG10-EH0ZZ · 4mm Oval Precision Optical Performance LED Lamps HLMP-SD11-LP0DD · 4 mm Oval Precision Optical Performance LED Lamps HLMP-SD11-KN0YY · 4mm Oval Precision Optical Performance LED Lamps HLMP-SD11-KNTYY · 4mm Oval Precision Optical Performance LED Lamps HLMP-SD11-KN0ZZ · 4mm Oval Precision Optical Performance LED Lamps HLMP-SD11-LP000 · 4 mm Oval Precision Optical Performance LED Lamps HLMP-SD11-KNTZZ · 4mm Oval Precision Optical Performance LED Lamps HLMP-RG10-JM000 · 4mm Oval Precision Optical Performance LED Lamps HLMP-SG10-GK0DD · 4 mm Oval Precision Optical Performance LED Lamps HLMP-SG10-GK000 · 4 mm Oval Precision Optical Performance LED Lamps HLMP-RG10-GK0DD · 4 mm Oval Precision Optical Performance LED Lamps HLMP-RG10-GK000 · 4 mm Oval Precision Optical Performance LED Lamps HLMP-SL10-FJ0DD · 4 mm Oval Precision Optical Performance LED Lamps HLMP-SL10-FJ000 · 4 mm Oval Precision Optical Performance LED Lamps HLMP-RL10-FJ0DD · 4 mm Oval Precision Optical Performance LED Lamps HLMP-RL10-FJ000 · 4 mm Oval Precision Optical Performance LED Lamps HLMP-RL11-LPR00 · 4mm Oval Precision Optical Performance LED Lamps HLMP-SD11-MNT00 · 4mm Oval Precision Optical Performance LED Lamps 4 mm Oval Precision Optical Performance LED Lamps Board-to-board stacking height of 5-11mm(SMT 6-11mm), Two-piece connector; HRS No: 574-0237-7 98; Stack Height (mm): 8.00,9.00,10.00,11.00; Contact Mating Area Plating: Gold Board-to-board stacking height of 5-11mm(SMT 6-11mm), Two-piece connector; HRS No: 574-0202-2 98; Stack Height (mm): 6; Contact Mating Area Plating: Gold 4 mm Oval Precision OpticalBRPerformance LED Lamps SINGLE COLOR LED, RED, 4 mm PLASTIC PACKAGE-2 4mm Oval Precision Optical Performance LED Lamps 4mm的椭圆形精密光学性能的LED 4 mm Oval Precision Optical<BRPerformance LED Lamps 4毫米椭圆形精密光学性能的LED灯具\u0026lt;BR\u0026gt;
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Agilent Technologies, Inc. Avago Technologies, Ltd.
|
OSXX1608C1AVER.A.5 |
1.6x0.8x0.4mm smd 1..6 x 0..8 x 0..4mm SMD
|
OptoSupply Internationa...
|
HLMP-SL11-H0000 HLMP-RB11 HLMP-RB11-D0000 HLMP-RB1 |
Optical Performance Best Value AlInGaP and InGaN Lamps 光学性能最佳价值的AlInGaP和InGaN HLMP-RL11-H0R00 · 4mm Oval Precision Optical Performance Best Value AlInGaP LED Lamps HLMP-RL11-H0000 · HLMP-RL11 4mm Oval Precision Optical Performance Best Value AlInGaP LED Lamps HLMP-RM11-H0000 · HLMP-RM11 4mm Oval Precision Optical Performance Best Value InGaN LED Lamps HLMP-SL11-H0000 · HLMP-SL11 4mm Oval Precision Optical Performance Best Value AlInGaP LED Lamps HLMP-RD11-J0T00 · 4mm Oval Precision Optical Performance Best Value AlInGaP LED Lamps HLMP-SL11-HL000 · 4 mm Oval Precision Optical Performance AlInGaP Lamp HLMP-SL11-H0R00 · 4mm Oval Precision Optical Performance Best Value AlInGaP LED Lamps HLMP-RM11-H00DD · HLMP-RM11 4mm Oval Precision Optical Performance Best Value InGaN LED Lamps HLMP-RD11-J0000 · HLMP-RD11 4mm Oval Precision Optical Performance Best Value AlInGaP LED Lamps HLMP-LD16-MQT00 · Agilent 4mm Precision Optical Performance Red Oval LEDs HLMP-MD16-MQT00 · Agilent 4mm Precision Optical Performance Red Oval LEDs HLMP-MD16-LPT00 · Agilent 4mm Precision Optical Performance Red Oval LEDs HLMP-LD16-LPT00 · Agilent 4mm Precision Optical Performance Red Oval LEDs HLMP-RM11-M0000 · HLMP-RM11 4mm Oval Precision Optical Performance Best Value InGaN LED Lamps HLMP-RM11-M00DD · HLMP-RM11 4mm Oval Precision Optical Performance Best Value InGaN LED Lamps HLMP-RB11-D0000 · HLMP-RB11 4mm Oval Precision Optical Performance Best Value InGaN LED Lamps HLMP-RB11-H00DD · HLMP-RB11 4mm Oval Precision Optical Performance Best Value InGaN LED Lamps HLMP-RB11-H0000 · HLMP-RB11 4mm Oval Precision Optical Performance Best Value InGaN LED Lamps HLMP-RB11-D00DD · HLMP-RB11 4mm Oval Precision Optical Performance Best Value InGaN LED Lamps HLMP-SD11-J0000 · HLMP-SD11 4mm Oval Precision Optical Performance Best Value AlInGaP LED Lamps HLMP-SD11-J0T00 · 4mm Oval Precision Optical Performance Best Value AlInGaP LED Lamps From old datasheet system
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] http://
|
ACPM-7813 ACPM-7813-BLK ACPM-7813-TR1 |
ACPM-7813 · CDMA/AMPS 4mm x 4mm Power Amplifier CDMA/AMPS Power Amplifier Module
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
AA2734ESGC |
2.7 x 3.4mm surface mount led lamp. High efficiency red (peak wavelength 627 nm). Super bright green (peak wavelength 565 nm). Lens type water clear. 2.7x3.4mm SURFACE MOUNT LED LAMP 2.5 V to 5.5 V, 250 µA, 2-Wire Interface, Dual Voltage Output, 8-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial
|
Kingbright Electronic KINGBRIGHT[Kingbright Corporation] Kingbright Corporation.
|